Part Number Hot Search : 
THAT1510 LTC1736I 1E220 MHF60SGS COM200 SMF78AG 2450BM15 TDA7293
Product Description
Full Text Search
 

To Download PBL386202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 June 1999
PBL 386 20/2 Subscriber Line Interface Circuit
Description
The PBL 386 20/2 Subscriber Line Interface Circuit (SLIC) is a 90 V bipolar integrated circuit for use in PBX,Terminal adapters and other telecommunications equipment. The PBL 386 20/2 has been optimized for low total line interface cost and a high degree of flexibility in different applications. The PBL 386 20/2 has constant current feed, programmable to max. 30 mA. A second lower battery voltage may be connected to the device to reduce short loop power dissipation. The SLIC automatically switches between the two battery supply voltages without need for external components or external control. The SLIC incorporates loop current, ground key and ring trip detection functions. The PBL 386 20/2 is compatible with loop start signaling. Two- to four-wire and four- to two-wire voice frequency (VF) signal conversion is accomplished by the SLIC in conjunction with either a conventional CODEC/filter or with a programmable CODEC/filter, e.g. SLAC, SiCoFi, Combo II. The programmable two-wire impedance, complex or real, is set by a simple external network. Longitudinal voltages are suppressed by a feedback loop in the SLIC and the longitudinal balance specifications meet Bellcore TR909 requirements. The PBL 386 20/2 package options are 24-pin SSOP, 24-pin SOIC and 28 pin PLCC.
Key Features
* 24-pin SSOP package * High and low battery with automatic switching * 60 mW on-hook power dissipation in active state * On-hook transmission * Long loop battery feed tracks Vbat for maximum line voltage * Only +5 V feed in addition to battery * Selectable transmit gain (1x or 0.5x) * No power-up sequence * 44V open loop voltage @ -48V battery feed * Full longitudinal current capability during on-hook state * Analog over temperature protection permits transmission while the protection circuit is active * Integrated Ring Relay driver * Ground key detector * Programmable signal headroom
Ring Relay Driver
RRLY
DT DR TIPX RINGX HP
Ring Trip Comparator Input Decoder and Control
C1 C2 C3 DET
Ground Key Detector
LP
VBAT2 VBAT Off-hook Detector PLD REF AGND BGND VF Signal Transmission VTX RSN
P
B
PLC
PBL
386
20/2
PTG
24-pinSOIC, 24-pin SSOP, 28-pin PLCC
Figure 1. Block diagram.
1
38 PB 6L 20 /2
Two-wire Interface
L
38
VCC
Line Feed Controller and Longitudinal Signal Suppression
POV
6
20
PSG
/2
PBL 386 20/2
Maximum Ratings
Parameter Symbol Min Max Unit
Temperature, Humidity Storage temperature range Operating temperature range Operating junction temperature range, Note 1 Power supply, 0C TAmb +70C VCC with respect to A/BGND VBat2 with respect to A/BGND VBat with respect to A/BGND, continuous VBat with respect to A/BGND, 10 ms Power dissipation Continuous power dissipation at TAmb +70 C Ground Voltage between AGND and BGND Relay Driver Ring relay supply voltage Ring trip comparator Input voltage Input current Digital inputs, outputs (C1, C2, C3, DET) Input voltage Output voltage TIPX and RINGX terminals, 0C < TAmb < 70C, VBat = -50V Maximum supplied TIPX or RINGX current TIPX or RINGX voltage, continuous (referenced to AGND), Note 2 TIPX or RINGX, pulse < 10 ms, tRep > 10 s, Note 2 TIPX or RINGX, pulse < 1 s, tRep > 10 s, Note 2 TIPX or RINGX, pulse < 250 ns, tRep > 10 s, Notes 2 & 3
TStg TAmb TJ VCC VBat2 VBat VBat PD VG
-55 -40 -40 -0.4 VBat -75 -80
+150 +110 +140 6.5 0.4 0.4 0.4 1.5
C C C V V V V W V
-0.3
0.3
BGND+14 V VDT, VDR IDT, IDR VID VOD ITIPX, IRINGX VTA, VRA VTA, VRA VTA, VRA VTA, VRA VBat -5 -0.4 -0.4 AGND 5 VCC VCC +100 2 5 10 15 V mA V V
-100 -80 VBat -10 VBat -25 VBat -35
mA V V V V
Recommended Operating Condition
Parameter Symbol Min Max Unit
Ambient temperature VCC with respect to AGND VBat with respect to AGND AGND with respect to BGND
TAmb VCC VBat VG
0 4.75 -58 -100
+70 5.25 -8 100
C V V mV
Notes
1. The circuit includes thermal protection. Operation at or above 140C junction temperature may degrade device reliability. 2. With the diodes DVB and DVB2 included, see figure 12. 3. RF1 and RF2 20 is also required. Pulse is applied to TIP and RING outside RF1 and RF2.
2
PBL 386 20/2
Electrical Characteristics
0 C TAmb +70 C, PTG = open (see pin description), VCC = +5V 5 %, VBat = -58V to -40V, VBAT2 = -17V, RLC=38.3 k, IL = 22 mA. RL = 600 , RF1= RF2=RP1= RP2 =0 , RRef = 49.9 k, CHP = 47 nF, CLP=0.15 F, RT = 120 k, RSG = 0 k, RRX = 60 k, RR = 52.3 k, ROV= unless otherwise specified. Current definition: current is positive if flowing into a pin.
Parameter Ref fig Conditions Min Typ Max Unit
Two-wire port Overload level, VTRO On-Hook, ILdc < 5mA Input impedance, ZTR Longitudinal impedance, ZLOT, ZLOR Longitudinal current limit, ILOT, ILOR Longitudinal to metallic balance, BLM 2 Active state 1% THD, ROV = Note 1 Note 2 0 < f < 100 Hz active state IEEE standard 455-1984 0.2 kHz < f < 1.0 kHz 1.0 kHz < f < 3.4 kHz 0.2 kHz < f < 1.0 kHz 1.0 kHz < f < 3.4 kHz 3 0.2 kHz < f < 1.0 kHz 1.0 kHz < f < 3.4 kHz 4 0.2 kHz < f < 3.4 kHz 53 53 40 75 70 50 dB dB dB 1.0 1.0 ZT/200 20 10 53 53 53 53 75 70 35 VPeak VPeak /wire mArms /wire dB dB dB dB
Longitudinal to metallic balance, BLME BLME = 20 * Log ELo VTR
3
Longitudinal to four-wire balance, BLFE BLFE = 20 * Log ELo VTX
Metallic to longitudinal balance, BMLE V BMLE = 20 * Log TR ; ERX = 0 VLo
C
TIPX
VTX
Figure 2. Overload level, VTRO , two-wire port
RL VTRO ILDC
PBL 386 20/2
RINGX RSN
RT
1 << RL, RL= 600 C RT = 120 k, RRX = 60 k
E RX
RRX
Figure 3. Longitudinal to metallic (BLME) and Longitudinal to four-wire (BLFE) balance
1 << 150 , RLR =RLT =RL /2=300 C RT = 120 k, RRX = 60 k
TIPX ELo C RLT V TR RLR RINGX
VTX
PBL 386 20/2
RSN
RT
V TX
RRX
3
PBL 386 20/2
Ref fig
Parameter
Conditions
Min
Typ
Max
Unit
Four-wire to longitudinal balance, BFLE
4
0.2 kHz < f < 3.4 kHz E BFLE = 20 * Log RX VLo r = 20 * Log |ZTR + ZL| |ZTR - ZL|
40
50
dB
Two-wire return loss, r
TIPX idle voltage, VTi RINGX idle voltage, VRi VTR Four-wire transmit port (VTX) Overload level, VTXO On-hook, IL < 5mA Output offset voltage, VTX Output impedance, zTX Four-wire receive port (RSN) Receive summing node (RSN) DC voltage Receive summing node (RSN) impedance Receive summing node (RSN) current (IRSN) to metallic loop current (IL) gain,RSN Frequency response Two-wire to four-wire, g2-4 6 5
0.2 kHz < f < 1.0 kHz 1.0 kHz < f < 3.4 kHz, Note 3 active, IL =0 mA active, IL =0 mA active, IL =0 mA Load impedance > 20 k, 1% THD, Note 4
30 20
35 22 - 1.1 VBat+2.5 VBat+3.6
dB dB V V V VPeak VPeak mV V ratio
1.0 1.0 -100
0.2 kHz < f < 3.4 kHz IRSN = -55 A 0.2 kHz < f < 3.4 kHz 0.3 kHz < f < 3.4 kHz 1.15
15 1.25 8 200
100 50 1.35 20
relative to 0 dBm Vrms, 1.0 kHz. ERX = 0 V 0.3 kHz < f < 3.4 kHz -0.20 f = 8.0 kHz, 12 kHz, 16 kHz -1.0
0.10 0.1
dB dB
TIPX C VLo RLT V TR RLR RINGX
VTX
Figure 4. Metallic to longitudinal and fourwire to longitudinal balance
1 << 150 , RLT = RLR = RL /2 =300 C RT = 120 k, RRX = 60 k
RRX
PBL 386 20/2
RSN
RT
E RX
C RL ILDC EL
Figure 5. Overload level, VTXO, four-wire transmit port
TIPX VTX
PBL 386 20/2
RINGX RSN
RT
VTXO
1 << RL, RL = 600 C RT = 120 k, RRX = 60 k
RRX
4
PBL 386 20/2
Ref fig
Parameter
Conditions
Min
Typ
Max
Unit
Four-wire to two-wire, g4-2
6
Four-wire to four-wire, g4-4 Insertion loss Two-wire to four-wire, G2-4
6
relative to 0 dBm, 1.0 kHz. EL=0 V 0.3 kHz < f < 3.4 kHz f = 8 kHz, 12 kHz, 16 kHz relative to 0 dBm.1.0 kHz, EL=0 V 0.3 kHz < f < 3.4 kHz
-0.2 -1.0 -2.0 -0.2
0.1 0 0 0.1
dB dB dB dB
6
0 dBm, 1.0 kHz, Note 5 V G2-4 = 20 * Log TX ; ERX = 0 VTR PTG = AGND 0 dBm, 1.0 kHz, Note 6 V G4-2 = 20 * Log TR ; EL = 0 ERX 6 6 Ref. -10 dBm, 1.0 kHz, Note 7 -40 dBm to + 0 dBm -55 dBm to -40 dBm Ref. -10 dBm -40 dBm to + 0 dBm -55 dBm to -40 dBm C-message weighting Psophometrical weighting Note 8 6 0 dBm 0.3 kHz < f < 3.4 kHz ILProg = 1 000 - 4.0 (mA) RLC 1 000 - 4.2 (mA) ILProg = RLC ILProg = 1 000 - 3.9 (mA) RLC RLC in k RL = 0
-0.2 -6.22 -0.2 -6.02
0.2 -5.82 0.2
dB dB dB
Four-wire to two-wire, G4-2
Gain tracking Two-wire to four-wire
-0.1 -0.2 -0.1 -0.2
0.1 0.2 0.1 0.2 12 -78
dB dB dB dB dBrnC dBmp
Four-wire to two-wire
6
Noise Idle channel noise at two-wire (TIPX-RINGX) or four-wire (VTX) output Harmonic distortion Two-wire to four-wire Four-wire to two-wire Battery feed characteristics Constant loop current, ILProg ILProg @ 30 mA ILProg @ 18 mA Open circuit state loop current, I LOC 12 12 12
-67 -67
-50 -50
dB dB
0.92 ILProg ILProg 0.95 ILProg ILProg 0.94 ILProg ILProg -100 0
1.08 ILProg mA 1.05 ILProg mA 1.06 ILProg mA 100 A
C
Figure 6. Frequency response, insertion loss, gain tracking.
1 C << RL, RL = 600
TIPX
VTX
RL VTR EL ILDC
PBL 386 20/2
RINGX RSN
RT
E RX
VTX
RRX
RT = 120 k, RRX = 60 k 5
PBL 386 20/2
Ref fig
Parameter
Conditions
Min
Typ
Max
Unit
Loop current detector Programmable threshold, ILTh
ILTh = 500 RLD RLD in k, ILTh 7 mA
0.85*ILTh
ILTh
1.15*ILTh
mA
Ground key detector Ground key detector threshold (ITIPX and IRINGX difference to trigger ground key det.) 10 Ring trip comparator Offset voltage, VDTDR Source resistance, RS = 0 -20 Input bias current, IB IB = (IDT + IDR)/2 -200 Input common mode range, VDT, VDR VBat+1 Ring relay driver Saturation voltage, VOL IOL = 50 mA Off state leakage current, ILk VOH = 12 V Digital inputs (C1, C2, C3) Input low voltage, VIL 0 Input high voltage, VIH 2.5 Input low current, IIL VIL = 0.5 Input high current, IIH VIH = 2.5 V Detector output (DET) Output low voltage IOL = 0.5 mA Internal pull-up resistor Power dissipation (VBat = -48V, VBat2 = -17V) P1 Open circuit state, C1, C2, C3 = 0, 0, 0 P2 P3 P4 Power supply currents (VBat = -48V) VCC current, ICC VBat current, IBat VCC current, ICC VBat current, IBat Power supply rejection ratios VCC to 2- or 4-wire port VBat to 2- or 4-wire port VBat2 to 2- or 4-wire port Temperature guard Junction threshold temperature, TJG Thermal resistance 28-pin PLCC, JP28plcc 24-pin SOIC, JP24soic 24-pin SSOP, JP24ssop
16 0 -20
22 20 200 -1 0.5 10 0.5 VCC -50 50 0.7
mA mV nA V V A V V A A V k mW mW mW mW mA mA mA mA dB dB dB C C/W C/W C/W
0.2
15 10 15 80
Active state, C1, C2, C3 = 0, 1, 0 Longitudinal current = 0 mA, I L=0 mA (on-hook) 60 RL = 300 (off-hook) 290 RL = 500 (off-hook) 145 Open circuit state -0.1 Active state On-hook, Long Current = 0 mA Active State f = 1 kHz Vn = 100mV -1.5 30 36 40 1.2 -0.05 2.8 -1.0 42 45 60 145 39 43 55
2.0 4.0
6
PBL 386 20/2
Notes
1. The overload level can be adjusted with the resistor ROV for higher levels e.g. min 3.1 VPeak and is specified at the two-wire port with the signal source at the four-wire receive port. The two-wire impedance is programmable by selection of external component values according to: ZTRX = ZT/|G2-4S RSN| where: ZTRX = impedance between the TIPX and RINGX terminals ZT = programming network between the VTX and RSN terminals G2-4S = transmit gain, nominally = 1 (or 0.5 see pin PTG) RSN = receive current gain, nominally = 200 (current defined as positive flowing into the receivesumming node, RSN, and when flowing from ring to tip). Higher return loss values can be achieved by adding a reactive component to RT, the two-wire terminating impedance programming resistance, e.g. by dividing RT into two equal halves and connecting a capacitor from the common point to ground. The overload level can be adjusted with the resistor R OV for higher levels e.g. min 3.1 VPeak and is specified at the four-wire transmit port, VTX, with the signal source at the two-wire port. Note that the gain from the two-wire port to the four-wire transmit port is G2-4S = 1 (or 0.5 see pin PTG) Pin PTG = Open sets transmit gain to nom. 0.0dB Pin PTG = AGND sets transmit gain to nom. -6.02 dB Secondary protection resistors R F and tertiary protection resistors RP impact the insertion loss as explained in the text, section Transmission. The specified insertion loss is for RF = RP = 0. The specified insertion loss tolerance does not include errors caused by external components. The level is specified at the two-wire port. The two-wire idle noise is specified with the port terminated in 600 ohms (RL) and with the four-wire receive port grounded (ERX = 0; see figure 6). The four-wire idle noise at VTX is specified with the twowire port terminated in 600 ohms (R L). The noise specification is referenced to a 600 ohm programmed twowire impedance level at VTX. The four-wire receive port is grounded (E RX = 0).
5.
2.
6. 7. 8.
3.
4.
7
PBL 386 20/2
27 AGND
2 RRLY
PTG 1 RRLY 2 HP 3 RINGX 4 BGND 5 TIPX 6 VBAT 7 VBAT2 8 PSG 9 LP 10 DT 11 DR
12
24 23 22 21
VTX AGND RSN
RINGX
5 6 7 8 9 10 11
26 RSN
PTG
28 VTX
NC
4
3
HP
1
25 24
NC REF PLC POV PLD VCC NC
REF
BGND TIPX VBAT VBAT2
24-pin SOIC 20 PLC and 19 POV 24-pin SSOP
18 17 16 15 14
13
28-pin PLCC
23 22 21 20 19
PLD
VCC
PSG
DET
NC
C1 C2
12
DT 13 DR 14 C3 15 C2 16 C1 17 LP DET 18
C3
Figure 8. Pin configuration, 24-pin SSOP, 24-pin SOIC and 28 pin PLCC package, top view.
Pin Description
Refer to figure 8. PLCC 1 2 3 4 5 6 7 8 9 10 11 12 13 Symbol PTG RRLY HP NC RINGX BGND TIPX VBAT VBAT2 PSG NC LP DT Description Prog. Transmit Gain. Left open transmit gain = 0.0 dB, connected to AGND transmit gain = -6.02 dB. Ring Relay driver output. The relay coil may be connected to maximum +14V. Connection for High Pass filter capacitor, CHP. Other end of CHP connects to TIPX. No internal Connection. The TIPX and RINGX pins connect to the tip and ring leads of the two-wire interface via overvoltage protection components and ring relay (and optional test relay). Battery Ground, should be tied together with AGND. The TIPX and RINGX pins connect to the tip and ring leads of the two-wire interface via overvoltage protection components and ring relay (and optional test relay). Battery supply Voltage. Negative with respect to AGND. An optional second (2) Battery Voltage connects to this pin. Programmable Saturation Guard. The resistive part of the DC feed characteristic is not used for PBL 386 20/2, RSG = 0 . No internal Connection. Connection for Low Pass filter capacitor, CLP. Other end of CLP connects to VBAT. Input to the ring trip comparator. With DR more positive than DT the detector output, DET, is at logic level low, indicating off-hook condition. The external ring trip network connects to this input.
8
PBL 386 20/2
14 15 16 17 18 19 20 21 22 DR C3 C2 C1 DET NC VCC PLD POV Input to the ring trip comparator. With DR more positive than DT the detector output, DET, is at logic level low, indicating off-hook condition. The external ring trip network connects to this input. C1, C2 and C3 are digital inputs (internal pull-up) controlling the SLIC operating states. Refer to section "Operating states" for details. Detector output. Active low when indicating loop detection and ring trip, active high when indicating ground key detection. No internal Connection. +5 V power supply. Programmable Loop Detector threshold. The loop detection threshold is programmed by a resistor connected from this pin to AGND. Programmable Overhead Voltage. If pin is left open: The overhead voltage is internally set to min 1.0 V in Off-and On-hook. If a resistor is connected between this pin and AGND: the overhead voltage can be set to higher values. Prog. Line Current, the constant current part of the DC feed characteristic is programmed by a resistor connected from this pin to AGND. A Reference, 49.9 k, resistor should be connected from this pin to AGND. No internal Connection. Receive Summing Node. 200 times the AC-current flowing into this pin equals the metallic (transversal) ACcurrent flowing from RINGX to TIPX. Programming networks for two-wire impedance and receive gain connect to the receive summing node. A resistor should be connected from this pin to AGND. Analog Ground, should be tied together with BGND. Transmit vf output. The AC voltage difference between TIPX and RINGX, the AC metallic voltage, is reproduced as an unbalanced GND referenced signal at VTX with a gain of one (or one half, see pin PTG). The two-wire impedance programming network connects between VTX and RSN.
23 24 25 26
PLC REF NC RSN
27 28
AGND VTX
SLIC Operating States
State 0 1 2 3 4 5 6 7 Table 1. C3 C2 C1 SLIC operating state Open circuit Ringing state Active state Not applicable Not applicable Active state Not applicable Not applicable Active detector Ring trip detector (active low) Loop detector (active low) Ground key detector (active high) -
0 0 0 0 0 1 0 1 0 0 1 1 1 0 0 1 0 1 1 1 0 1 1 1 SLIC operating states.
9
PBL 386 20/2
For applications where ZT/(RSN*G2-4S) + 2RF + 2RP is chosen to be equal to ZL the expression for G4-2 simplifies to:
VTX
+
ZL VTR
TIP RF ZTR
TIPX RP
IL
+
RHP
+
RING EL RF RP
-
G 2-4S
+
VTX
G4 -2 = -
ZT 1 Z RX 2G2 - 4S
IL RINGX ZT
-
Four-Wire to Four-Wire Gain
Z RX RSN I L /RSN
From (1), (2) and (3) with EL = 0:
+
VRX
PBL 386 20/2
-
G4 -4 = - ZT ZRX
VTX = VRX G 2- 4S ( Z L + 2RF + 2R P ) ZT + G2 -4 S ( ZL + 2RF + 2RP ) RSN
Figure 9. Simplified ac transmission circuit.
Functional Description and Applications Information
Transmission
General A simplified ac model of the transmission circuits is shown in figure 9. Circuit analysis yields:
VTR = VTX + IL (2R F + 2RP ) G2 - 4S
RSN is the receive summing node current to metallic loop current gain = 200. Note that the SLICs two-wire to four-wire gain, G2-4S, is user programmable between two fix values. Refer to the datasheets for values on G2-4S. Two-Wire Impedance To calculate ZTR, the impedance presented to the two-wire line by the SLIC including the fuse and protection resistors RF and RP let: VRX = 0. From (1) and (2):
Hybrid Function
The hybrid function can easily be implemented utilizing the uncommitted amplifier in conventional CODEC/filter combinations. Please, refer to figure 10. Via impedance ZB a current proportional to VRX is injected into the summing node of the combination CODEC/filter amplifier. As can be seen from the expression for the four-wire to four-wire gain a voltage proportional to VRX is returned to VTX. This voltage is converted by RTX to a current flowing into the same summing node. These currents can be made to cancel by letting:
VTX VRX + = 0(EL = 0 ) R TX ZB
(1)
VTX VRX I + =L ZT Z RX RSN
(2) Z TR = (3)
VTR = EL - IL * ZL where: VTX
ZT + 2RF + 2RP RSN G 2- 4S
Thus with ZTR, RSN, G2-4S, RP and RF known: Z T = RSN G2- 4S (Z TR - 2RF - 2R P ) Two-Wire to Four-Wire Gain From (1) and (2) with VRX = 0:
G2- 4 = VTX = VTR Z T / RSN ZT + 2RF + 2RP RSN G2 - 4S
G2-4S
VTR
EL IL RF RP ZL ZT ZRX VRX
is a ground referenced version of the ac metallic voltage between the TIPX and RINGX terminals. is the programmable SLIC two-wire to four-wire gain (transmit direction). See note below. is the ac metallic voltage between tip and ring. is the line open circuit ac metallic voltage. is the ac metallic current. is a fuse resistor. is part of the SLIC protection. is the line impedance. determines the SLIC TIPX to RINGX impedance at voice frequencies. controls four- to two-wire gain. is the analog ground referenced receive signal.
The four-wire to four-wire gain, G4-4, includes the required phase shift and thus the balance network ZB can be calculated from:
V ZB = -RTX RX = VTX ZT + G2 -4 S ( ZL + 2RF + 2RP ) ZRX RSN R TX ZT G2 -4 S ( ZL + 2RF + 2RP )
Four-Wire to Two-Wire Gain From (1), (2) and (3) with EL = 0:
G4 -2 = - ZT ZRX VTR = VRX ZL ZT + G2 - 4S ( ZL + 2RF + 2R P ) RSN
When choosing RTX, make sure the output load of the VTX terminal is >20 k. If calculation of the ZB formula above yields a balance network containing an inductor, an alternate method is recommended. Contact Ericsson Components for assistance. The PBL 386 20/2 SLIC may also be used together with programmable CODEC/ filters. The programmable CODEC/filter allows for system controller adjustment of
10
PBL 386 20/2
hybrid balance to accommodate different line impedances without change of hardware. In addition, the transmit and receive gain may be adjusted. Please, refer to the programmable CODEC/filter data sheets for design information.
VTX
RFB
RTX VT ZT Z RX ZB
Longitudinal Impedance A feed back loop counteracts longitudinal voltages at the two-wire port by injecting longitudinal currents in opposing phase. Thus longitudinal disturbances will appear as longitudinal currents and the TIPX and RINGX terminals will experience very small longitudinal voltage excursions, leaving metallic voltages well within the SLIC common mode range. The SLIC longitudinal impedance per wire, ZLoT and ZLoR, appears as typically 20 to longitudinal disturbances. It should be noted that longitudinal currents may exceed the dc loop current without disturbing the vf transmission. Capacitors CTC and CRC The capacitors designated CTC and CRC in figure 12, connected between TIPX and ground as well as between RINGX and ground, can be used for RFI filtering. The recommended value for CTC and CRC is 2200 pF. Higher capacitance values may be used, but care must be taken to prevent degradation of either longitudinal balance or return loss. CTC and CRC contribute to a metallic impedance of 1/(*f*CTC) = 1/(*f*CRC), a TIPX to ground impedance of1/(2**f*CTC) and a RINGX to ground impedance of 1/(2**f*CRC). AC - DC Separation Capacitor, CHP The high pass filter capacitor connected between terminals HP and TIPX provides the separation of the ac signal from the dc part. CHP positions the low end frequency response break point of the ac loop in the SLIC. Refer to table 1 for a recommended value of CHP. Example: A CHP value of 47 nF will position the low end frequency response 3dB break point of the ac loop at 5.6 Hz (f3dB) according to f3dB = 1/(2RHPCHP) where RHP = 600k . High-Pass Transmit Filter The capacitor CTX in figure 12 connected between the VTX output and the CODEC/filter forms, together with RTX and/ or the input impedance of a programmable CODEC/filter, a high-pass RC filter. It is
PBL 386 20/2
Combination CODEC/Filter
V RX
RSN
Figure 10. Hybrid function.
recommended to position the 3 dB break Battery Feed point of this filter between 30 and 80 Hz to The PBL 386 20/2 SLIC emulate a battery get a faster response for the dc steps that characteristic with current limitation may occur at DTMF signalling. adjustable.The open loop voltage measured between the TIPX and RINGX terminals is Capacitor CLP tracking the battery voltage V Bat. The The capacitor CLP, which connects between signalling headroom, or overhead voltage the terminals CLP and VBAT, positions the VTRO, is programmable with a resistor ROV high end frequency break point of the low connected between terminal POV on the pass filter in the dc loop in the SLIC. CLP SLIC and ground. Please refer to section together with CHP and ZT (see section Two- "Programmable overhead voltage(POV)". Wire Impedance) forms the total two wire The battery voltage overhead,VOH,depends output impedance of the SLIC. The choise on the programmed signal overhead voltage of these programmable components have VTRO . VOH defines the TIP to RING voltage an influence on the power supply rejection at open loop conditions according to ratio (PSRR) from VBAT to the two wire V TR (at I L = 0 mA) = |V Bat | - V OH . side at sub-audio frequencies. At these Refer to table 2 for the typical value on frequencies capacitor CLP also influences VOH. the transversal to longitudinal balance in SLIC VOH(typ) [V] the SLIC. Table 1 suggests a suitable value on CLP. The typical value of the transversal PBL 386 20/2 2.5 +VTRO to longitudinal balance (T-L bal.) at 200Hz is given in table 1 for the chosen value on Table 2. Battery overhead. CLP.
T-L bal. RFeed
[]
RSG
[k]
CLP
[nF]
@ 200Hz CHP [dB] [nF]
2*25
0
150
-46
47
The current limit (reference A - C in figure 13) is adjusted by connecting a resistor, RLC, between terminal PLC and ground according to the equation: RLC = 1000 ILProg + 4
Table 1. RSG, CLP and CHP values for constant current feeding characteristics.
where RLC is in k for ILProg in mA.
For values outside table 1, please contact Ericsson Microelectronics for assistance. A second, lower battery voltage may be connected to the device at terminal VBAT2 to reduce short loop power dissipation. The SLIC automatically switches between the two battery supply voltages without need for external control. The silent battery
11
PBL 386 20/2
switching occurs when the line voltage passes the value |VB2| - 40 * IL - VTRO = 3.6 For correct functionality it is important to connect the terminal VBAT2 to the second power supply via the diode DVB2 in figure 12. An optional diode DBB connected between terminal VB and the VB2 power supply, see figure 12, will make sure that the SLIC continues to work on the second battery even if the first battery voltage disappears. If a second battery voltage is not used, VBAT2 is connected to VBAT on the SLIC and CVB2, DBB and DVB2 are removed. CODEC Receive Interface The PBL 386 20/2 SLIC have got a completely new receive interface at the four wire side which makes it possible to reduce the number of capacitors in the applications and to fit both single and dual battery feed CODECs. The RSN terminal, connecting to the CODEC receive output via the resistor RRX, is dc biased with +1.25V. This makes it possible to compensate for currents floating due to dc voltage differences between RSN and the CODEC output without using any capacitors. This is done by connecting a resistor RR between the RSN terminal and ground. With current directions defined as in figure 14, current summation gives:
-IRSN = IRT + IRRX + IRR = 1 25 125 - VCODEC , , 125 , + + RT RRX RR
Programmable overhead voltage(POV) With the POV function the overhead voltage can be increased. If the POV pin is left open the overhead voltage is internally set to 1.1 VPeak. The overhead voltage is equal in on-hook and off-hook. If a resistor ROV is connected between the POV pin and AGND, the overhead voltage can be set to higher values, typical values can be seen in figure 11. The ROV and corresponding VTRO (signal headroom) are typical values for THD <1% and the signal frequency 1000Hz. Observe that the 4-wire output terminal VTX can not handle more than 3.2 VPeak. So if the gain 2-wire to 4-wire is 0dB, 3.2 VPeak is maximum also for the 2-wire side. Signal levels between 3.2 and 6.4 VPeak on the 2-wire side can be handled with the PTG shorted so that the gain G2-4S become -6.02dB. Please note that the two-wire impedance, RR and the 4wire to 4-wire gain has to be recalculated if the PTG is shorted. Please note that the maximum signal current at the 2-wire side can not be greater than 9 mA. How to use POV: 1. Decide what overhead voltage(VTRO) is needed. The POV function is only needed if the overhead voltage exceeds 1.1 VPeak 2. In figure 11 the corresponding ROV for the decided VTRO can be found. 3. If the overhead voltage exceeds 3.2 VPeak , the G2-4S gain has to be changed to -6.02dB by connecting the PTG pin to AGND. Please note that the two-wire impedance, RR and the 4-wire to 4-wire gain has to be recalculated. Analog Temperature Guard The widely varying environmental conditions in which SLICs operate may lead to the chip temperature limitations being exceeded. The PBL 386 20/2 SLIC reduce the dc line current when the chip temperature reaches approximately 145C and increases it again automatically when the temperature drops. Accordingly transmission is not lost under high ambient temperature conditions. The detector output, DET, is forced to a logic low level when the temperature guard is active.
Loop Monitoring Functions
The loop current, ground key and ring trip detectors report their status through a common output, DET. The detector to be connected to DET is selected via the three bit wide control interface C1, C2 and C3. Please refer to section Control Inputs for a description of the control interface. Loop Current Detector The loop current detector is indicating that the telephone is off hook and that current is flowing in the loop by putting the output DET to a logical low level when selected. The loop current threshold value, ILTh, at which the loop current detector changes state is programmable by selecting the value of resistor RLD. RLD connects between pin PLD and ground and is calculated according to RLD = 500 ILTh
The current detector is internally filtered and is not influenced by the ac signal at the two wire side. Ground Key Detector The ground key detector is indicating when the ground key is pressed (active) by putting the output pin DET to a logical high level when selected. The ground key detector circuit senses the difference in TIPX and RINGX currents. When the current at the RINGX side exceeds the current at the TIPX side with the threshold value the detector is triggered. For threshold current values, please refer to the datasheet.
where VCODEC is the reference voltage of the CODEC at the receive output. From this equation the resistor RR can be calculated as 125 , RR = , 1 25 125 - VCODEC , -IRSN - - RT RRX For the value on IRSN, see table 3. The resistor RR has no influence on the ac transmission.
Ring Trip Detector
Ring trip detection is accomplished by connecting an external network to a comparator in the SLIC with inputs DT and DR. The ringing source can be balanced or unbalanced superimposed on VB or GND. The unbalanced ringing source may be applied to either the ring lead or the tip lead with return via the other wire. A ring relay driven by the SLIC ring relay driver connects the ringing source to tip and ring. The ring trip function is based on a polarity change at the comparator input when the line goes off-hook. In the on-hook state no dc current flows through the loop and the voltage at comparator input DT is more positive than the voltage at input DR. When the line goes off-hook, while the ring relay
SLIC
PBL 386 20/2
IRSN [A]
-55
Table 3. The SLIC internal bias current with the direction of the current defined as positive when floating into the terminal RSN.
12
PBL 386 20/2
7 6
VTRO (VPeak)
5 4 3 2 1 0 0 10 20 30
ROV (k)
40
50
60
Figure 11. Programmable overhead voltage (POV). RL = 600 or .
is energized, dc current flows and the comparator input voltage reverses polarity. Figure 12 gives an example of a ring trip detection network. This network is applicable, when the ring voltage is superimposed on VB and is injected on the ring lead of the two-wire port. The dc voltage across sense resistor RRT is monitored by the ring trip comparator input DT and DR via the network R1, R2, R3, R4, C1 and C2. With the line on-hook (no dc current) DT is more positive than DR and the DET output will report logic level high, i.e. the detector is not tripped. When the line goes off-hook, while ringing, a dc current will flow through the loop including sense resistor RRT and will cause input DT to become more negative than input DR. This changes output DET to logic level low, i.e. tripped detector condition. The system controller (or line card processor) responds by deenergizing the ring relay, i.e. ring trip. Complete filtering of the 20 Hz ac component at terminal DT and DR is not necessary. A toggling DET output can be examined by a software routine to determine the duty cycle. When the DET output is at logic level low for more than half the time, off-hook condition is indicated.
Relay driver
The PBL 386 20/2 SLIC incorporates a ring relay driver designed as open collector (npn) with a current sinking capability of 50 mA. The drive transistor emitter is connected to BGND. The relay driver has an internal zener diode clamp for inductive kick-back voltages.Care must be taken when using the relay driver together with relays that have high impedance.
Ringing State The ring relay driver and the ring trip detector are activated and the ring trip detector is indicating off hook with a logic low level at the detector output. As the SLIC do not have any stand by state the SLIC will remain in the active normal state. Active States TIPX is the terminal closest to ground and sources loop current while RINGX is the more negative terminal and sinks loop current. Vf signal transmission is normal. The loop current or the ground key detector is activated. The loop current detector is indicating off hook with a logic low level and the ground key detector is indicating active ground key with a logic high level present at the detector output.
Control Inputs
The PBL 386 20/2 SLIC has three digital control inputs, C1, C2 and C3. A decoder in the SLIC interprets the control input condition and sets up the commanded operating state. C1 to C3 are internal pull-up inputs. Open Circuit State In the Open Circuit State the TIPX and RINGX line drive amplifiers as well as other circuit blocks are powered down. This causes the SLIC to present a high impedance to the line. Power dissipation is at a minimum and no detectors are active.
13
PBL 386 20/2
R FB
PBL 386 20/2
C TX KR +12 V /+5V C GG RING R F2 R P2
RINGX REF PTG VTX
R TX 0
C HP
RRLY
AGND
RT R RX
RB
+
+
HP
RSN
0
NC
NC
RR R REF R LC R OV R LD VCC C VCC PBL 386 20/2 C RC
CODEC/ Filter
TIP
R F1
OVP
VB C TC
BGND
PLC
TIPX
POV
R P1
VBAT PLD
D VB2 VB2 D BB D VB VB C VB E RG R1 R RT
DT VBAT2 VCC
R SG C VB2 C LP
LP C1 PSG NC
VCC
NC
DET
PLCC 28-PIN PACKAGE
C2
R2 C1 C2
DR
C3
R3
R4 SLIC No. 2 etc.
SYSTEM CONTROL INTERFACE
RESISTORS (Values according to IEC E96 series): =0 1% 1/10 W RSG RLD = 49.9 k 1% 1/10 W = User programmable ROV = 38.3 k 1% 1/10 W RLC RREF = 49.9 k 1% 1/10 W = 64.9 k 1% 1/10 W RR = 105 k 1% 1/10 W RT RTX = 24.9 k 1% 1/10 W = 22.1 k 1% 1/10 W RB = 52.3 k 1% 1/10 W RRX RFB Depending on CODEC/filter = 604 k 1% 1/10 W R1 = 604 k 1% 1/10 W R2 = 249 k 1% 1/10 W R3 = 280 k 1% 1/10 W R4 = 330 5% 2 W RRT 1% 1/10 W (Note 1) RP1, RP2 10 RF1, RF2 = Line resistor, 40 1%
CAPACITORS (Values according to IEC E96 series): CVB = 100 nF 100 V 10% CVB2 = 150 nF 100 V 10% = 100 nF 10 V 10% CVCC = 2.2 nF 100 V 10% CTC CRC = 2.2 nF 100 V 10% = 47 nF 100 V 10% CHP = 150 nF 100 V 10% CLP CTX = 100 nF 10 V 10% = 220 nF 100 V 10% CGG = 330 nF 63 V 10% C1 C2 = 330 nF 63 V 10% DIODES: = 1N4448 DVB DVB2 = 1N4448 = 1N4448 DBB
OVP: Secondary protection (e. g. Power Innovations TISPPBL2). The ground terminals of the secondary protection should be connected to the common ground on the Printed Board Assembly with a track as short and wide as possible, preferable a groundplane.
Note: 1) RP1 and RP2 may be omitted if DVB is in place.
Figure 12. single-channel subscriber line interface with PBL 386 20/2 and combination CODEC/filter.
Overvoltage Protection
The PBL 386 20/2 SLIC must be protected against overvoltages on the telephone line caused by lightning, ac power contact and induction. Refer to Maximum Ratings, TIPX and RINGX terminals, for maximum allowable continuous and transient currents that may be applied to the SLIC. Secondary Protection The circuit shown in figure 12 utilizes series resistors together with a programmable overvoltage protector (e.g Power Innovations TISPPBL2), serving as a secondary protection. The TISPPBL2 is a dual forward-conducting buffered p-gate overvoltage protector. The protector gate references the protection (clamping) voltage to negative supply voltage (i.e the battery voltage,VB ). 14 As the protection voltage will track the negative supply voltage the overvoltage stress on the SLIC is minimized. Positive overvoltages are clamped to ground by a diode. Negative overvoltages are initially clamped close to the SLIC negative supply rail voltage and the protector will crowbar into a low voltage on-state condition, by firing an internal thyristor. A gate decoupling capacitor, CGG, is needed to carry enough charge to supply a high enough current to quickly turn on the thyristor in the protector. CGG shall be placed close to the overvoltage protection device. Without the capacitor even the low inductance in the track to the VBat supply will limit the current and delay the activation of the thyristor clamp. The fuse resistors RF serve the dual purposes of being non- destructive energy dissipators, when transients are clamped and of being fuses, when the line is exposed to a power cross. If a PTC is choosen for RF , note that it is important to always use PTCs in series with resistors not sensitive to temperature, as the PTC will act as a capacitance for fast transients and therefore will not protect the SLIC.
PBL 386 20/2
DC characteristics
A B C
I L [mA]
D
E
V TR [V]
A: B: C:
IL(@VTR=0V)=ILProg Constant current ILConst(typ) = ILProg = 103 - 4*10-3 RLC
D: E:
RFeed=2*25 VTROpen=|VBat|-VOH
VTR=|VBat|-VOH-50*ILProg
Figure 13. Battery feed characteristics (without the protection resistors on the line).
PBL 386 20/2
VTX CODEC
DC-GND I
RT
IRT RSN +1.25 V IRSN IRRX RRX _ + IRR UREFcodec
RR
Figure 14. CODEC receive interface.
15
PBL 386 20/2
Power-up Sequence
No special power-up sequence is necessary except that ground has to be present before all other power supply voltages.
Printed Circuit Board Layout
Care in PCB layout is essential for proper function. The components connecting to the RSN input should be placed in close proximity to that pin, such that no interference is injected into the RSN pin. Ground plane surrounding the RSN pin is advisable. Analog ground (AGND) should be connected to battery ground (BGND) on the PCB in one point.The capacitors for the battery should be connected with short wide leads of the same length.
Ordering Information
Package Temp. Range Part No.
24 pin SSOP Tape & Reel 24 pin SOIC Tube 24 pin SOIC Tape & Reel 28 pin PLCC Tube 28 pin PLCC Tape & Reel
0 - +70 C 0 - +70 C 0 - +70 C 0 - +70 C 0 - +70 C
PBL 386 20/2SHT PBL 386 20/2SOS PBL 386 20/2SOT PBL 386 20/2QNS PBL 386 20/2QNT
Information given in this data sheet is believed to be accurate and reliable. However no responsibility is assumed for the consequences of its use nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Ericsson Microelectronics AB. These products are sold only according to Ericsson Microelectronics AB' general conditions of sale, unless otherwise confirmed in writing.
Specifications subject to change without notice. 1522-PBL 386 20/2 Uen Rev. A (c) Ericsson Microelectronics AB 1999 This product is an original Ericsson product protected by US, European and other patents.
Ericsson Microelectronics AB SE-164 81 Kista-Stockholm, Sweden Telephone: +46 8 757 50 00 16


▲Up To Search▲   

 
Price & Availability of PBL386202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X